Part Number Hot Search : 
2S41TB NE06L KLLU1500 XRD878 74LS1 7122A 6250G A23L2616
Product Description
Full Text Search
 

To Download T240008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  title scale date dr dwg rev the information contained in this document is proprietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by 200rsp3t1b1m7r 2:1 10/20/2015 T240008 a rc 1 1 pcb layout 1 2 3 123 3 a 22045 new release 11/6/15 rc 7.62 [.300 in] 2.54 [.100 in] 2.54 [.100 in] .60 [.024 in] .60 [.024 in] 5.05 [.199 in] 5.05 [.199 in] 4.80 [.189 in] 2.50 [.098 in] 6.00 [.236 in] 5.70 [.224 in] 9.80 [.386 in] .30 [.012 in] 2.54 [.100 in] pos. 1 pos. 2 pos. 3 switch function off on on 2-3 none 2-1 circuit: spdt 2.54 [.100 in] ? 1.00 [.039 in] 7.62 [.300 in] 2.54 [.100 in] note: 1. all dimensions in mm [inch] 2. general tolerance: x.x=0.4 x.xx=0.25 3. terminal numbers for ref only 4. contacts: copper alloy w/ gold plating 5. rating: 0.4 va max. @ 48v ac or dc max. 6. contact resistance: <50 milli-ohm 7. mechanical life: 40,000 cycles. 8. insulation resistance: 1000 mega-ohm min. 9. dielectric strength: 500 v rms @sea level. 10. operating temp.: -30c to 85c 11. denotes critical parameter. 12. seal rating: ip67 13. 2002/95/ec (rohs) compliant p o s 1 p o s 2 p o s 3 5.08 [.200 in]


▲Up To Search▲   

 
Price & Availability of T240008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X